PART |
Description |
Maker |
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
142.6885.5202 142.6885.5302 142.6885.5402 142.6885 |
Blade Fuse Rated 58V
|
Littelfuse, Inc.
|
089707.5 0897010 |
Low Profile MINIFuses Rated 58V 超薄迷你㈢保险丝额定58V
|
Littelfuse, Inc.
|
0299080 0299020 0299025 0299030 0299035 0299040 02 |
MAXI Blade Fuse Rated 32V
|
LITTELFUSE[Littelfuse]
|
16670000430 166.7000.430 166.7000.440 166.7000.450 |
FKS-fuse-links for rated voltage up to 80 V
|
LITTELFUSE[Littelfuse]
|
0287003.PXCN 0287030.PXCN 0287035.PXCN 0287010.PXC |
ATOF Blade Fuse Rated 32V
|
Littelfuse
|
153.5395.617 153.5395.622 153.5395.620 153.5395.62 |
BF2-Fuse links for rated voltage up to 32 V
|
LITTELFUSE[Littelfuse]
|
FP1 |
Style PCB Fuse Rated 32V
|
Littelfuse
|
0257001 0257002 0257003 0257004 0257005 025707.5 0 |
ATO Blade Fuse Rated 32V
|
LITTELFUSE[Littelfuse]
|
FRT250T 7100.1125.XX 7100.1017.XX 7100.1117.XX 710 |
TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 250VDC, 35A (IR), THROUGH HOLE Subminiature Fuse, 11.5 x 5 mm, Tr?e T Subminiature Fuse, 11.5 x 5 mm, Tr庐e T Subminiature Fuse, 11.5 x 5 mm, Tr盲ge T
|
Schurter Inc.
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|